Part Number Hot Search : 
MSQ07001 LTC1345 2SC393 SFMJ490 SFMJ490 MX25L MP01907 SFM16
Product Description
Full Text Search
 

To Download NTE15004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NTE15004 Integrated Circuit Remote Control Preamplifier
Description: This NTE15004 is a silicon monolithic integrated circuit in an 8-Lead SIP type package designed for a remote control preamplifier of infrared signals. This device features low power, high sensitivity and wide supply voltage. Features: D Wide Operation Voltage: VCC = 6V to 14.4V D Low Power Consumption: ICC = 2.5mA typ. D High Input Sensitivity: 50Vp-p typ. D Peak Detector D Small Size Package - 8-Lead SIP D Minimum Number of External Parts Required Absolute Maximum Ratings: (TA = +25C unless otherwise specified) Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V Power Dissipation, PD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 270mW Operating Temperature Range, Topr . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -20 to +75C Storage Temperature Range, Tstg . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +125C Recommended Operating Conditions:
Parameter Power Supply Input Frequency Symbol VCC fin Test Conditions Min 6.0 30 Typ 8.5 - Max 14.4 50 Unit V kHz
Electrical Characteristics: (TA = +25C, VCC = 8.5V, fin = 40kHz unless otherwise specified)
Parameter Supply Current Input Terminal Voltage 1st Stage Voltage Gain Detection Input Voltage Input Impedance Output Voltage Output Leakage Current Noise Symbol ICC VIN1 VIN2 AVL VIN rin VOL IOH IOL = 0.1mA, VIN = 1mVP-P VOH = 14.4V Input Open IIN = 70A Pin7 - Pin4, VOUT = 500mVP-P Test Conditions Min 1.5 2.1 3.4 - - 40 - - Typ 2.5 2.6 4.1 60 50 60 - - Max 3.5 3.1 4.9 - 100 80 0.5 2 Unit mA V V dB V k V A
Output Pin is Not Fall
Pin Connection Diagram (Front View)
8 7 6 5 4 3 2 1 VCC Input Bypass Cap GND Peak Hold Cap Tuning Coil Integral Cap Output
.768 (19.52) Max
.118 (3.0) Max
.264 (6.72) Max 1 8 .165 (4.2) Min
.100 (2.54) Typ .700 (17.78)


▲Up To Search▲   

 
Price & Availability of NTE15004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X